Part Number Hot Search : 
LS240D8R WM9703 4R685M0 090327 MM1253 80T00 2373U LPC236
Product Description
Full Text Search
 

To Download CD5532B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 * 1N5518B THRU 1N5546B AVAILABLE IN JANHC AND JANKC PER MIL-PRF-19500/437 * ZENER DIODE CHIPS * ALL JUNCTIONS COMPLETELY PROTECTED WITH SILICON DIOXIDE * ELECTRICALLY EQUIVALENT TO 1N5518B THRU 1N5546B * 0.5 WATT CAPABILITY WITH PROPER HEAT SINKING * COMPATIBLE WITH ALL WIRE BONDING AND DIE ATTACH TECHNIQUES, WITH THE EXCEPTION OF SOLDER REFLOW
CD5518B thru CD5546B
MAXIMUM RATINGS
Operating Temperature: -65C to +175C Storage Temperature: -65C to +175C Forward Voltage @ 200 mA: 1.5 Volts Maximum ELECTRICAL CHARACTERISTICS @ 25C, unless otherwise specified
JEDEC TYPE NUMBER NOMINAL ZENER VOLTAGE VZ @ lZT VOLTS (Note 1) CD5518B CD5519B CD5520B CD5521B CD5522B CD5523B CD5524B CD5525B CD5526B CD5527B CD5528B CD5529B CD5530B CD5531B CD5532B CD5533B CD5534B CD5535B CD5536B CD5537B CD5538B CD5539B CD5540B CD5541B CD5542B CD5543B CD5544B CD5545B CD5546B 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10.0 11.0 12.0 13.0 14.0 15.0 16.0 17.0 18.0 19.0 20.0 22.0 24.0 25.0 28.0 30.0 33.0 MAX. ZENER IMPEDANCE ZZT @ lZT OHMS (Note 2) 26 24 22 18 22 26 30 30 30 35 40 45 60 80 90 90 100 100 100 100 100 100 100 100 100 100 100 100 100 5.0 3.0 1.0 3.0 2.0 2.0 2.0 1.0 1.0 0.5 0.5 0.1 0.05 0.05 0.05 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 MAX. REVERSE LEAKAGE CURRENT lR
Adc
23 MILS 15 MILS
TEST CURRENT lZT mAdc 20 20 20 20 10 5.0 3.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
REGULATION FACTOR VZ VOLTS (Note 3) 0.90 0.90 0.90 0.75 0.60 0.65 0.30 0.20 0.10 0.05 0.05 0.05 0.10 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.25 0.30 0.35 0.40 0.45 0.50
LOW VZ CURRENT lZL mAdc 2.0 2.0 2.0 2.0 1.0 0.25 0.25 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.10 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01
VR VOLTS 1.0 1.0 1.0 1.5 2.0 2.5 3.5 5.0 6.2 6.8 7.5 8.2 9.1 9.9 10.8 11.7 12.6 13.5 14.4 15.3 16.2 17.1 18.0 19.8 21.6 22.4 25.2 27.0 29.7
BACKSIDE IS CATHODE
DESIGN DATA
METALLIZATION: Top: (Anode)................ ......Al Back: (Cathode)............ ...Au AL THICKNESS............25,000 A Min GOLD THICKNESS... .....4,000 A Min CHIP THICKNESS.............. ....10 Mils CIRCUIT LAYOUT DATA: For Zener operation, cathode must be operated positive with respect to anode. TOLERANCES: ALL Dimensions + 2 mils, Except Anode Pad Where Tolerance is + 0.1 mils.
NOTE 1 Suffix "B" voltage range equals nominal Zener voltage + 5%. Suffix "A" equals + 10%. No Suffix equals + 20%. Zener voltage is read using a pulse measurement, 10 milliseconds maximum. "C" suffix = + 2% and "D" suffix = +1%. NOTE 2 Zener impedance is derived by superimposing on lZT A 60Hz rms a.c. current equal to 10% of lZT. NOTE 3 VZ is the maximum difference between VZ @ 1ZT and VZ at 1ZL measured with the device junction in thermal equilibrium at an ambient temperature of +25 + 3C.
22 COREY STREET, MELROSE, MASSACHUSETTS 02176 PHONE (781) 665-1071 FAX (781) 665-7379 WEBSITE: http://www.cdi-diodes.com E-mail: mail@cdi-diodes.com
15 MILS
23 MILS
CD5518B
thru
CD5546B
1000
500 400 300 200 ZENER IMPEDANCE ZZT (OHMS)
3. 3
VO LT
27
100
VO LT
1 5. LT VO
50 40 30 20
11
VO
LT
10
5 4 3 2
6.2 VO LT
1 .1 .2 .3 .4 .5 1 25 10 20 OPERATING CURRENT lZT (mA) 30 40 50 100
FIGURE 3
ZENER IMPEDANCE VS. OPERATING CURRENT


▲Up To Search▲   

 
Price & Availability of CD5532B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X